Part Number Hot Search : 
04C12 LPC4078 LM158FE OP215 A2808BB6 SKN71 13009 T6336
Product Description
Full Text Search
 

To Download FNS-1020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1-bay simple network storage FNS-1020 fast and easy storage for the entire network as digital media collections continue to grow, users need simple and efcient storage solutions to help manage their data. the levelone FNS-1020 is ideal for home and ofce users looking to add more storage using a compact, yet powerful device. it is a 10/100 mbps storage enclosure that can accommodate a single 3.5" sata or ide hard disk drive up to 1.5 terabytes (1500 gb). 2 high speed usb ports and easy one-touch transfer in addition to supporting a large capacity disk, FNS-1020 includes 2 high-speed usb 2.0 ports, allowing users to add and share peripheral devices or additional usb storage. the push-button feature allows users to plug in a usb fash drive or digital camera and automatically transfer fles to FNS-1020. no need to wait for applications to boot up, all fles are transferred immediately. feature-rich downloading and fle sharing users can take advantage of FNS-1020s scheduling download assistant as well as the built-in ftp, and bittorrent fle sharing functions. the web-based management interface makes it easy to setup regular download schedules. the built-in bittorrent client allows the FNS-1020 to download and store all your fles, and you dont have to leave your computer on all night. this saves power while allowing you to simply play fles directly from any computer in the network. key features - stream music and video to your pc, media playes or gaming console - download files without pc supports http, ftp and bittorrent - share files between computers and over internet - two high speed usb 2.0 ports for extra storage - single 3.5 inch sata or ide hard disk bay - web interface confguration and management - easy to setup and use wbr-6001 n_max wireless broadband router works well with 1. led indicators 2. shutdown button 3. backup button 4. lan interface 5. usb2.0 interface 6. power on/of button 7. power port fcs-0010 ip network camera h/w version: 2 1 2 3 4 6 7 5 
storsge www.level1.com i one world_one brand_one level_ lan-interface 1x 10/100 mbps auto-mdix rj-45 port usb-interface 2x usb2.0 high-speed ports hdd bay 1x internal 3.5 ide/sata hard disk bay supports ultradma 133 and sata1.0a buttons backup C back up fles from external usb drive to internal hdd shutdown C shuts down the internal hdd safely, before powering of device file systems fat16 / fat32 / ext2 / ntfs (read only) disk tools disk partition / disk format / disk scan storage ftp / samba / windows file sharing server download tools schedule http, ftp and bittorrent fles to download. no computer required multimedia upnp server C works with networked media players and gaming consoles itunes server C share music to computers technical specifcation other network features dhcp client and server fixed ip mapping user account managements system logs for ftp and samba firmware upgrade web-based (http) operating systems windows 2000 / xp / vista / mac osx / linux power adapter dc12v / 4a operating temperature 0c ~ 40c / 85% humidity storage temperature -20c ~ 70c / 85% humidity dimensions 215mm(l) * 150mm(w) * 48mm(h) certifcations ce, fcc standard compliant ieee 802.3, ieee802.3x, ieee 802.3u product diagram internet FNS-1020 adsl/cable modem usb 2.0 usb card readers usb 2.0 usb drive wireless router computer game console mp3 player order information FNS-1020: 1-bay simple network storage package content FNS-1020, power adapter, desktop stand, rj45 ethernet lan cable, quick installation guide, cd manual / utility all mentioned brand names are registered trademarks and property of their owners. technical specifcations are subject to change without notice. ? copyright digital data communications gmbh. all rights reserved. v2.0 


▲Up To Search▲   

 
Price & Availability of FNS-1020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X